Part Number Hot Search : 
1SM5942B PGM2003 2SC1906Y EN25S CM1451 EN25S D12NF MAX15026
Product Description
Full Text Search
 

To Download STGD10NC60H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  april 2007 rev 1 1/14 14 low on-voltage drop (v cesat ) low c res / c ies ratio (no cross-conduction susceptibility) description using the latest high voltage technology based on a patented strip layout, stmicroelectronics has designed an advanced family of igbts, the powermesh ? igbts, with outstanding performances. the suffix "h" identifies a family optimized for high frequency applications in order to achieve very high switching performances (reduced tfall) manta in ing a low voltage drop. applications high frequency motor controls smps and pfc in both hard switch and resonant topologies motor drivers internal schematic diagram features type v ces v ce(sat) (max)@ 25c i c @100c STGD10NC60H 600v < 2.5v 10a 1 3 dpak STGD10NC60H n-channel 10a - 600v - dpak very fast powermesh? igbt www.st.com order code part number marking package packaging STGD10NC60H gd10nc60h dpak tape & reel
contents STGD10NC60H 2/14 contents 1 electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.1 electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 3 test circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 4 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 5 packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 6 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
STGD10NC60H electrical ratings 3/14 1 electrical ratings table 1. absolute maximum ratings symbol parameter value unit v ces collector-emitter voltage (v gs = 0) 600 v i c (1) 1. calculated according to the iterative formula: collector current (continuous) at t c = 25c 20 a i c (1) collector current (continuous) at t c = 100c 10 a i cl (2) 2. v clamp =480v, tj=150c, r g =10 ? , v ge =15v collector current (pulsed) 40 a v ge gate-emitter voltage 20 v p tot total dissipation at t c = 25c 60 w t j operating junction temperature ? 55 to 150 c table 2. thermal resistance symbol parameter value unit rthj-case thermal resistance junction-case max 2.08 c/w rthj-amb thermal resistance junction-ambient max 62.5 c/w i c t c () t jmax t c ? r thj c ? v cesat max () t c i c , () ------------------------------------------------------------------------------------------------------ =
electrical characteristics STGD10NC60H 4/14 2 electrical characteristics (t case =25c unless otherwise specified) table 3. static symbol parameter test conditions min. typ. max. unit v br(ces) collector-emitter breakdown voltage i c = 1ma, v ge = 0 600 v i ces collector cut-off current (v ge = 0) v ce = max rating,t c = 25c v ce =max rating,t c = 125c 150 1 a ma i ges gate-emitter leakage current (v ce = 0) v ge = 20v, v ce = 0 100 na v ge(th) gate threshold voltage v ce = v ge , i c = 250 a 3.75 5.75 v v ce(sat) collector-emitter saturation voltage v ge = 15v, i c = 5a v ge = 15v, i c = 5a, tc= 125c 1.9 1.7 2.5 v v g fs forward transconductance v ce = 15v , i c = 5a 3.5 s table 4. dynamic symbol parameter test conditions min. typ. max. unit c ies c oes c res input capacitance output capacitance reverse transfer capacitance v ce = 25v, f = 1mhz, v ge = 0 365 43 8.3 pf pf pf q g q ge q gc total gate charge gate-emitter charge gate-collector charge v ce = 390v, i c = 5a, v ge = 15v, (see figure 16) 19.2 4.5 7 nc nc nc
STGD10NC60H electrical characteristics 5/14 table 5. switching on/off (inductive load) symbol parameter test conditions min. typ. max. unit t d(on) t r (di/dt) on turn-on delay time current rise time turn-on current slope v cc = 390v, i c = 5a r g = 10 ? , v ge = 15v, figure 15. figure 17. 14.2 5 1000 ns ns a/s t d(on) t r (di/dt) on turn-on delay time current rise time turn-on current slope v cc = 390v, i c = 5a r g = 10 ? , v ge = 15v, tj=125c figure 15. figure 17. 14 5 920 ns ns a/s t r (v off ) t d ( off ) t f off voltage rise time turn-off delay time current fall time v cc = 390v, i c = 5a, r ge = 10 ? , v ge = 15v, figure 15. figure 17. 27 72 85 ns ns ns t r (v off ) t d ( off ) t f off voltage rise time turn-off delay time current fall time v cc = 390v, i c = 5a, r ge =10 ? , v ge =15v, tj=125c figure 15. figure 17. 50 108 139 ns ns ns table 6. switching energy (inductive load) symbol parameter test conditions min. typ. max. unit e on e off (1) e ts 1. turn-off losses include also the tail of the collector current turn-on switching losses turn-off switching losses total switching losses v cc = 390v, i c = 5a r g =10 ? , v ge =15v, tj=25c (see figure 17) 31.8 95 126.8 j j j e on e off (1) e ts turn-on switching losses turn-off switching losses total switching losses v cc = 390v, i c = 5a r g =10 ? , v ge = 15v, tj= 125c (see figure 17) 61.8 173 234.8 j j j
electrical characteristics STGD10NC60H 6/14 2.1 electrical characteri stics (curves) figure 1. output characteristics figure 2. transfer characteristics figure 3. transconductance figure 4. collector-emitter on voltage vs temperature figure 5. gate charge vs gate-source voltage figure 6. capacitance variations
STGD10NC60H electrical characteristics 7/14 figure 7. normalized gate threshold voltage vs temperature figure 8. collector-emitter on voltage vs collector current figure 9. normalized breakdown voltage vs temperature figure 10. switching losses vs temperature figure 11. switching losses vs gate resistance figure 12. switching losses vs collector current
electrical characteristics STGD10NC60H 8/14 figure 13. thermal impedance figure 14. turn-off soa
STGD10NC60H test circuits 9/14 3 test circuits figure 15. test circuit for inductive load switching figure 16. gate charge test circuit figure 17. switching waveform
package mechanical data STGD10NC60H 10/14 4 package mechanical data in order to meet environmental requirements, st offers these devices in ecopack? packages. these packages have a lead-free second level interconnect. the category of second level interconnect is marked on the package and on the inner box label, in compliance with jedec standard jesd97. the maximum ratings related to soldering conditions are also marked on the inner box label. ecopack is an st trademark. ecopack specifications are available at: www.st.com
STGD10NC60H package mechanical data 11/14 dim. mm. inch min. typ max. min. typ. max. a 2.2 2.4 0.086 0.094 a1 0.9 1.1 0.035 0.043 a2 0.03 0.23 0.001 0.009 b 0.64 0.9 0.025 0.035 b4 5.2 5.4 0.204 0.212 c 0.45 0.6 0.017 0.023 c2 0.48 0.6 0.019 0.023 d 6 6.2 0.236 0.244 d1 5.1 0.200 e 6.4 6.6 0.252 0.260 e1 4.7 0.185 e 2.28 0.090 e1 4.4 4.6 0.173 0.181 h 9.35 10.1 0.368 0.397 l 1 0.039 (l1) 2.8 0.110 l2 0.8 0.031 l4 0.6 1 0.023 0.039 r 0.2 0.008 v2 0 8 0 8 dpak mechanical data 0068772-f
packaging mechanical data STGD10NC60H 12/14 5 packaging mechanical data tape and reel shipment dpak footprint dim. mm inch min. max. min. max. a 330 12.992 b 1.5 0.059 c 12.8 13.2 0.504 0.520 d 20.2 0.795 g 16.4 18.4 0.645 0.724 n 50 1.968 t 22.4 0.881 base qty bulk qty 2500 2500 reel mechanical data dim. mm inch min. max. min. max. a0 6.8 7 0.267 0.275 b0 10.4 10.6 0.409 0.417 b1 12.1 0.476 d 1.5 1.6 0.059 0.063 d1 1.5 0.059 e 1.65 1.85 0.065 0.073 f 7.4 7.6 0.291 0.299 k0 2.55 2.75 0.100 0.108 p0 3.9 4.1 0.153 0.161 p1 7.9 8.1 0.311 0.319 p2 1.9 2.1 0.075 0.082 r 40 1.574 w 15.7 16.3 0.618 0.641 tape mechanical data all dimensions are in millimeters
STGD10NC60H revision history 13/14 6 revision history table 7. revision history date revision changes 02-apr-2007 1 initial release.
STGD10NC60H 14/14 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2007 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of STGD10NC60H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X